|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
P-tec Corporation Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net PL03 Series 3mm (T1) LED Features *Popular 3mm Lens Style with Flange *AlGaInP Ultra Bright Deep Red Chip used *High Intensity *Low Current Requirement *Reliable and Rugged *RoHS Compliant Absolute Maximum Ratings at TA = 25C Power Dissipation.................................................................................... 72mW Reverse Voltage (<100A)................................................................................ 5.0V Max Forward Current.................................................................................. 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)......................................... 100mA Operating Temperature Range.......................................................... -25C to +85C Storage Temperature Range............................................................. -40C to +100C Soldering Temperature (1.6mm below body)......................................... 260C for 5 seconds Electrical & Optical Characteristics at TA = 25C Part Number Water Clear Lens PL03G-WCR23 Deep Red AlGaInP Emitting Color Chip Material Peak Wave Length nm 650 Dominant Wave Length nm 639 Viewing Angle 2 1/2 Deg 35 Forward Voltage @20mA (V) Typ 1.9 Max 2.4 Luminous Intensity @20mA (mcd) Min 135.0 Typ 350.0 All dimensions are in Millimeters. Tolerance is 0.25mm unless otherwise specified. An epoxy meniscus may extend about 1 mm down the leads. 5.1 24.0Min. 3.0 2.540.1 Anode 0.50.5 1.0 1.5typ. 0.5 Square 4.1 8-30-07 Rev 0 RS |
Price & Availability of PL03G-WCR23 |